Part Number Hot Search : 
TLHR4405 200D05 TFS420A1 2N2222A AD9100SD SG6848DZ 1SN15T1G 60033
Product Description
Full Text Search
 

To Download SAA7135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAA7135
For multi-standard analog and hybrid TVs, the Philips SAA7135 integrates high-quality decoding of all analog video and stereo formats used in TVs worldwide. It gives manufacturers a low-BOM solution for new PCI products, and an efficient upgrade path for adding advanced audio features to existing SAA713x designs.
Single-chip, analog TV video/stereo decoder for worldwide PCI applications-- with Dolby Pro Logic
Semiconductors
Like other SAA713x single-chip TV decoders, the SAA7135 offers high-quality detection and decoding of all worldwide analog TV video standards. In addition, it decodes all worldwide TV stereo formats and supports advanced audio features, such as Dolby Pro Logic decoding, and more. The SAA7135's flexible design, reusable components, and versatile external interfaces lower BOM and cost and support advanced TV decoder configurations. It gives manufacturers an ideal solution for adding robust multi-standard analog TV decoding to a wide variety of computing and consumer products. In addition, the SAA7135's 100% pin compatibility with existing SAA713x decoders enables efficient reuse of existing SAA713x designs for more sophisticated markets or price points. The SAA7135 delivers exceptional picture quality and advanced video features proven in other SAA713x devices: low-noise, highquality ADCs, an adaptive comb filter, and subpixel-accurate scaling. Certified three-level Macrovision detection circuitry ensures the video content's original analog copy protection remains intact. Capture of transport streams from all digital TV broadcast standards supports hybrid TV designs; capture of MPEG datastreams from MPEG encoders supports time-shift applications. In PCI configurations, the SAA7135 takes full advantage of the streaming capabilities of PCs by outputting decoded video, audio,VBI, and transport streams through DMA bus-mastered writes across the PCI bus.
Key features
> Fully automatic standard detection and decoding of worldwide analog TV video formats (PAL, NTSC, and SECAM), and worldwide TV stereo formats (A2/Dual-FM, NICAM, BTSC with dbxTM, SAP, EIAJ, and FM radio) > Advanced audio feature processing including Dolby(R) Pro LogicTM , Virtual Dolby SurroundTM, Philips Incredible Sound, and more > Supports simultaneous stereo decoding and adaptive 3D comb filtering (to enhance picture quality) > Certified three-level Macrovision (R) detection circuitry > Captures raw VBI data (for Closed Captioning,Teletext, etc.) > Superior subpixel-accurate horizontal and vertical scaling > Outputs digital I2S audio and ITU-656 video > Captures transport streams from digital TV broadcasts and MPEG datastreams in time-shift applications > For PCI (Rev. 2.2, ACPI compliant) and standalone configurations
Target applications
The SAA7135 is targeted for adding multi-standard analog TV decoding with robust audio features to computing and consumer products such as desktop and portable PCs, hybrid TVs or set-top boxes (cable, terrestrial, satellite), personal video recorders (with time shifting), DVD recorders, and more.
SAA7135
Single-chip, analog TV video/stereo decoder for worldwide PCI applications--with Dolby Pro Logic
Semiconductors
Analog TV video processing
Capture Analog video is sampled through five video inputs, supporting any combination of CVBS and S-Video signals.The SAA7135 automatically detects 50- and 60-Hz field frequencies and all analog standards (PAL, NTSC, and SECAM) used in TV broadcasts. Video is digitized by sophisticated, low-noise nine-bit ADCs with built-in white and color peak control, clamping, and programmable gain control. 27-MHz oversampling, twice the ITU-601 standard, ensures an exceptional signal-to-noise ratio for maximum picture clarity. Additional video capture features include: > single crystal support for all video standards > ultra-fast frame lock for fast input-switching in surveillance applications and VCR fast search, shuttle, and freeze frame > forced-field toggle for use with non-interlaced inputs to avoid VCR `blue screen'
Decode The SAA7135 decodes composite video into ITU-601 compatible component color values. Its high-quality multi-standard adaptive four-line comb filter performs best-in-class luma/chroma separation of CVBS signals from all sources, significantly reducing dot crawl and enhancing image resolution and detail.The decoder integrates separate brightness-contrast-saturation circuitry for CVBS, S-Video, and raw VBI samples, and hue control for CVBS and S-Video signals. The SAA7135 supports fully automatic, three-level hardware Macrovision detection with active-status interrupt. By ensuring the content's original analog copy protection is still intact, Macrovision prevents unauthorized recording of copyrighted material transmitted through analog video outputs in applications such as time-shift or archive recording or large screen display.
SAA7135 Conceptual Block Diagram
SAA7135
analog audio pass-through
ADC (2)
two analog audio stereo pairs
ANALOG AUDIO INTERFACE
32 kHz, 44.1 kHz, 48 kHz
SOUND DECODER (BTSC+dbx, SAP, EIAJ, A2/Dual-FM, NICAM, FM,AM)
TV sound (SIF)
ANALOG SIF/ AUDIO INTERFACE
ADC
AUDIO FEATURE PROCESSING (Dolby Pro Logic, Virtual Dolby Surround, Philips Incredible Sound, bass, treble, volume, balance,AVL)
DAC (2)
AUDIO MUX
analog stereo to loopback cable or headphones digital audio
I 2S
FORMAT
PCI INTERFACE
FIFOs
TS/MPEG CAPTURE (serial, parallel)
FORMAT
five analog video inputs: CVBS, S-Video
ANALOG VIDEO INTERFACE
ADC (2)
DECODER COMB FILTER
VIDEO SCALER
MATRIX & GAMMA
CLIPPING & FORMAT VIDEO PORT FORMAT
DMA
TS (digital TV) MPEG datastream
PCI bus
digital video, digital audio, control data
CLOCK SYNC
digital video
GPIO interrupt
PROGRAMMABLE I/O IRQ SELECTION/MAP
PROGRAMMING REGISTERS
I 2C
INTERFACE
I2C
control data, config data from EEPROM
audio loop back cable
audio loop back cable
HYBRID TV CAPTURE/PVR PCI CARD
antenna or cable ATSC/DVB/ TV TUNER & BS-Digital INTERFACE CHANNEL DECODER I2C EEPROM antenna or cable
STANDALONE ANALOG TV GRAPHICS CARD
TV TUNER
VGA & FRAME BUFFER
SOUND CARD
I2C
TS
MPEG-2 ENCODER
MPEG PS CVBS S-Video audio audio line-in PCI BUS
CVBS S-Video audio audio line-in
SAA7135
ITU/VIP I2 S
SAA7135
ITU/VIP I 2C
AGP NORTH BRIDGE NORTH BRIDGE
GRAPHICS CONTROLLER
AGP
digital video, digital audio, raw VBI, digital TS
MEMORY
PCI BUS
CPU
MEMORY
CPU
Typical SAA7135 configurations: a PCI add-in card for capture of live analog and digital TV video and audio (left), and a graphics card for analog TV capture (right).
Scaling, matrix, clipping The SAA7135 incorporates an adaptive filter and circuitry to crop, scale, and reduce frame rate. It can peform horizontal or vertical video down scaling or zooming to support playback windows of any size.Two alternating settings for active video scaling support independent capture and preview definition. Adaptive anti-alias filters reduce board space, system costs, and external components. Optional YUV-to-RGB and RGB-to-YUV matrices and a color lookup table can be used to normalize ITU-standard color values to the full RGB range and apply gamma correction as needed to optimize screen contrast and color. A clipping unit allows definition of overlay rectangles (for Video for Windows (VfW) legacy requirements) or assignment of alpha values to video pixels. Output Decoded, scaled video can be output in various YUV or RGB formats, including packed and planar, gamma-compensated or black-stretched.The video stream is transmitted through DMA writes across the PCI bus or through a digital video output port in standalone configurations.
Stereo decoding and audio processing
Capture and decoding The SAA7135 handles capture and on-chip decoding of stereo formats used in analog TV including: BTSC with dbx noise reduction and SAP (North America), EIAJ (Japan), and NICAM and A2/ Dual-FM (Europe). After capture from the TV tuner through a Sound Intermediate Frequency (SIF) port, the TV sound signal is digitized and FM or AM demodulated.The audio standard is automatically detected, the pilot tone is investigated (mono, stereo, dual), and the signal is decoded. Two 16-bit audio ADCs support capture of audio signals from nonstandard sources such as video cameras,VCRs, and AM (mono) or FM (stereo) radio through two stereo line-in inputs. The SAA7135's analog audio pass-through enables an incoming audio signal to be rerouted without processing through an external loop-back cable to a sound card. A field-locked audio clock samples a constant number of audio clocks per video field, guaranteeing synchronization between audio and video streams. Advanced audio feature processing The SAA7135's advanced, on-chip audio-feature processing improves user control and perceived audio quality. A Dolby Pro Logic decoder `unfolds' four-channel Dolby Surround audio when it is present in VHS movies and TV broadcasts. A Virtual Dolby
SOUND CARD
CVBS
CVBS
SIF
SIF
SAA7135
Single-chip, analog TV video/stereo decoder for worldwide PCI applications--with Dolby Pro Logic
Semiconductors
Surround algorithm emulates true surround sound formats and effects when only two speakers are available. Philips Incredible MonoTM adds stereo-like sound impression to monaural audio StereoTM widens the stereo image, signals. Philips Incredible
Time-shifting and digital video recording support
In time-shift recording or personal video recording applications, the SAA7135 supports capture of MPEG datastreams through a glueless interface to a hardware MPEG encoder. Captured MPEG streams are written to system memory or a storage device.
immersing the listener in the screen action. Additional on-chip audio features include volume, balance, bass/treble controls, and automatic volume leveling (AVL). Output Decoded digital audio is streamed across the PCI bus or output through the I2S port. Alternatively, it can be reconverted to analog (by on-chip stereo DACs) and rerouted through the loop-back cable to a sound card.
Versatile external interface
The SAA7135's flexible design, reusable components, and versatile external interfaces lower BOM and support advanced decoder configurations. Such flexibility is made possible, in part, through a set of 28 general purpose I/O (GPIO) pins, initially dedicated to interface with key onboard components to provide: > a digital video port > transport stream capture from a digital TV channel decoder > MPEG datastream capture from an MPEG encoder > an I2S digital audio output port > peripheral interrupt input. GPIO pins can be reassigned if dedicated functions are not needed in a specific product configuration. In addition, unassigned pins can be utilized for GPIO under direct software control.
VBI capture
The SAA7135 captures raw VBI samples to memory, making them available for decoding by software components.The VBI sampling rate can be adjusted as needed by the data slicing software. Supported VBI formats include Closed Captioning,Teletext,WST, NABST, CGMS, and WSS.
Digital TV transport stream capture
For hybrid TV applications, the SAA7135 supports capture of transport streams from digital TV broadcasts (ATSC, DVB or BSDigital). After capture, transport streams are written to memory across the PCI bus for demux and program stream decoding, typically by software running on the system CPU.
DMA and configurable FIFOs
In PCI configurations, the SAA7135 uses DMA bus-mastered writes to output captured video, audio,VBI, and digital TV transport streams. Seven DMA channels share a common one-kB FIFO. The ability to define optimal burst length and FIFO capacity
audio audio bus loop-back mastering
mono
FM-radio
A2/ Dual-FM
NICAM
BTSC (+ dbx)
SAP
EIAJ
Incredible Mono Incredible Stereo
Dolby Virtual Dolby Pro Logic Surround
SAA7130 SAA7133 SAA7134 SAA7135
! ! ! !
! ! !
! ! !
! ! ! ! ! !
! !
! !
! !
! ! ! !
SAA713x Family Audio Feature Comparison
per DMA channel allows system designers to tailor and balance the latency behavior for each channel in a given application, adapting to actual conditions.
Comprehensive software support and reference design
The SAA7135 software development kit (SDK) supports a common code base for VfW and Windows Driver Model (WDM) architectures, reducing software maintenance and protecting software investments. The SDK is based on a Component Object Model (COM) interface; it includes sample code in Visual Basic and C++ and a description of the interface.
PHYSICAL
Technical specifications
SAA7135 WDM driver support is provided for all DirectShow(R)based applications. A WDM device driver kit (DDK) includes a plug-and-play driver, capture-driver installations, and documentation.The SAA7135 WDM driver is WHQL validated and is supported for Windows(R) 98/ME/2000/XP. The SAA7135 VfW driver is available for Windows 95/NT4. A BDA-compliant driver is included for digital TV applications. The SAA7135 also provides a custom API enabling development of specialized applications when published Windows APIs (WDM or VfW) are insufficient. A comprehensive SAA713x Reference Design Kit enables system designers and hardware manufacturers to quickly evaluate SAA7135 features and develop single, half-size PCI designs for hybrid TV receivers.The Kit includes: > a reference PCI card with SAA7135 decoder, analog TV tuner, 32.11-MHz quartz crystal, I2C EEPROM > a board connector plate with TV connector, CVBS and S-Video inputs, audio input (line-in) and output (line-out) > an optional voltage regulator for improved video performance > the SAA7135 SDK and DDK > installation and user guides > board design, schematics, and Gerber files > video cables
Package Power Temperature
Rectangular LQFP128; 128 pins supply 3.3 V consumption 1.35 W (typical application) 0 to 70 oC
STANDARD COMPLIANCE/CERTIFICATION
PC
Meets Microsoft/Intel requirements for PC Design Guides 98/99 and 2001 PCI 2.2 and ACPI compliance (all 4 states)
ANALOG VIDEO SUBSYSTEM
Five (5) analog input ports supporting any combination of CVBS (NTSC, PAL, SECAM), S-Video ADCs Two (2) 9-bit CMOS ADCs, 27-MHz oversampling Output via PCI YCbCr or RGB including packet and planar, gamma-compensated, or black stretched via digital video port (GPIO) ITU-656, YUV-VMI (8-bit), VIP 1.1 or VIP 2.0 (8- or 16-bit), ZV (16-bit), ITU-601 (16-bit) Sample rate 720 pixels/line (ITU 601) XTAL reference 32.11 or 24.576 MHz, supports all video standards Comb filter NTSC/PAL adaptive 4-line Y-C separation for all sources including broadcast and VCR Scaling Downscaling: horizontal, vertical, and by field rate Scalable from 10 taps H (for ratios close to 1:1) to 74 taps (icon-sized video) VBI formats Closed Captioning, Teletext, NABST, CGMS, WST, and WSS PCI output DMA writes to memory; dedicated channel with independent sample rate, adjustable by slicing algorithm Macrovision 3-level with active status interrupt; complies with Macrovision's Copy Protection Detect Specification, Revision 1.00
Input
SAA7135
Single-chip, analog TV video/stereo decoder for worldwide PCI applications--with Dolby Pro Logic
www.semiconductors.philips.com
Technical specifications (continued)
AUDIO SUBSYSTEM I 2 C INTERFACE
Input
One (1) analog SIF port Two pairs (2) analog stereo baseband inputs Output analog One (1) analog stereo port (for loop-back to sound card or local headphones) digital PCI bus or 2 I2S ports (GPIO) (up to 4 channels) Decode formats NICAM, A2/Dual-FM, BTSC (with dbx), SAP, EIAJ Sample rates 32 kHz, 44.1 kHz, 48 kHz Clocks Selectable: 768*fs, 512*fs, 384*fs or 256*fs 24.576 MHz to external audio reference clock Locked to video frame rate ADCs Two (2) 16-bit baseband audio One (1) 8-bit SIF, 24.576 MHz Audio features Dolby Pro Logic decoding, Virtual Dolby Surround, Philips Incredible Stereo, Philips Incredible Mono, volume, balance, bass, treble, and AVL
GENERAL PURPOSE I/O
Modes Power Rates
Bus-master interface, multi-master capable Slave interface 3.3 V and 5 V signal-level compatible Includes peripheral reset and power-down control 100 kHz and 400 kHz
PCI BUS INTERFACE
Compliance
DMA channels Data types
PCI specification, Rev. 2.2, 3.3-V signaling, 5-V tolerant Power Management Interface Specification, Rev. 1 including full Windows ACPI power down specification Six (6) master-write DMA channels sharing 1-kB configurable FIFO digital video, audio, raw VBI, TS (ATSC/DVB/ BS-Digital), and MPEG datastream
Total pins Dedicated
28 Digital video output Serial or parallel TS from a channel decoder Peripheral interrupts Two (2) I2S ports
DIGITAL TV SUPPORT
TS input MPEG input
(GPIO) serial or parallel TS (from a channel decoder) for all digital TV broadcast standards (GPIO) parallel MPEG datastream (from MPEG encoder)
Philips Semiconductors
Philips Semiconductors is a worldwide company with over 100 sales offices in more than 50 countries. For a complete up-to-date list of our sales offices please e-mail sales.addresses@www.semiconductors.philips.com. A complete list will be sent to you automatically.You can also visit our website http://www.semiconductors.philips.com/sales.
(c) Koninklijke Philips Electronics N.V. 2002 SCL 76
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: December 2002 document order number: 9397 750 10349 Published in USA


▲Up To Search▲   

 
Price & Availability of SAA7135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X